Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3301MOD Datasheet(PDF) 9 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 5Page - Texas Instruments CC3301MOD Datasheet HTML 6Page - Texas Instruments CC3301MOD Datasheet HTML 7Page - Texas Instruments CC3301MOD Datasheet HTML 8Page - Texas Instruments CC3301MOD Datasheet HTML 9Page - Texas Instruments CC3301MOD Datasheet HTML 10Page - Texas Instruments CC3301MOD Datasheet HTML 11Page - Texas Instruments CC3301MOD Datasheet HTML 12Page - Texas Instruments CC3301MOD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
6 Specifications
All specifications are given at the module pins. Typical values are measured with nominal device at 25°C.
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
PINS
MIN
MAX
UNIT
1V8_IN
1.8V Supply
53,54
–0.5
2.1
V
3V3_IN
3.3V Supply
37,38
–0.5
4.2
V
Input Voltage to all digital pins
–0.5 1V8_IN + 0.5
V
VPP
VPP OTP Voltage
19
–0.5
2.1
V
TA
Operating Ambient Temperature
–40
85
°C
Tstg
Storage temperature
– 40
105
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1) (3)
RF pins
±1000
V
Other pins
±2000
Charged device model (CDM), per
ANSI/ESDA/JEDEC JS-002(2) (3)
RF pins
±250
Other pins
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
(3)
ESD Rating is based on CC3301 IC Chipset.
6.3 Recommended Operating Conditions
PARAMETER
PINS
MIN
TYP
MAX
UNIT
1V8_IN
1.8V Supply
53,54
1.62
1.8
1.98
V
3V3_IN
3.3V Supply
37,38
2.97
3.3
3.63
VPP
DC supply rail for OTP memory
19
1.62
1.8
1.98
V
TA
Operating ambient temperature
–40
85
°C
Maximum power dissipation
2
W
6.4 Electrical Characteristics
PARAMETER
DESCRIPTION
TEST
CONDITION
MIN
TYP
MAX
UNIT
VIH
High Level Input Voltage
0.65 × VIO
VIO
V
VIL
Low Level Input Voltage
0
0.35 × VIO
VOH
High Level Output Voltage
at 4mA
VIO – 0.45
VIO
VOL
Low Level Output Voltage
at 4mA
0
0.45
6.5 WLAN Performance: 2.4GHz Receiver Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operational Frequency Range
2412
2472
MHz
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com