Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3301MOD Datasheet(PDF) 11 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 7Page - Texas Instruments CC3301MOD Datasheet HTML 8Page - Texas Instruments CC3301MOD Datasheet HTML 9Page - Texas Instruments CC3301MOD Datasheet HTML 10Page - Texas Instruments CC3301MOD Datasheet HTML 11Page - Texas Instruments CC3301MOD Datasheet HTML 12Page - Texas Instruments CC3301MOD Datasheet HTML 13Page - Texas Instruments CC3301MOD Datasheet HTML 14Page - Texas Instruments CC3301MOD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
6.7 BLE Performance: Receiver Characteristics (continued)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Receiver saturation
PER <30.2%
2
dBm
Co-channel rejection(1)
Wanted signal at –79dBm, modulated interferer in
channel
10
dB
Selectivity, ±1MHz(1)
Wanted signal at –79dBm, modulated interferer at
±1MHz.
0 / 0
dB
Selectivity, ±2MHz(1)
Wanted signal at –79dBm, modulated interferer at
±2MHz.
–37 / –30
dB
Selectivity, ±3MHz(1)
Wanted signal at –79dBm, modulated interferer at
±3MHz.
–39 / –36
dB
Selectivity, ±4MHz(1)
Wanted signal at –79dBm, modulated interferer at
±4MHz.
–45 / –41
dB
RSSI Accuracy
Dynamic range of –90 to –20dBm
–4
4
dB
BLE 500Kbps (LE Coded) Receiver Characteristics
Receiver sensitivity
PER <30.2%
–98.8
dBm
Receiver saturation
PER <30.2%
2
dBm
Co-channel rejection(1)
Wanted signal at –72dBm, modulated interferer in
channel.
10
dB
Selectivity, ±1MHz(1)
Wanted signal at –72dBm, modulated interferer at
±1MHz.
0 / 0
dB
Selectivity, ±2MHz(1)
Wanted signal at –72dBm, modulated interferer at
±2MHz.
–35 / –25
dB
Selectivity, ±3MHz(1)
Wanted signal at –72dBm, modulated interferer at
±3MHz.
–40 / –37
dB
Selectivity, ±4MHz(1)
Wanted signal at –72dBm, modulated interferer at
±4MHz.
–45 / –40
dB
RSSI Accuracy
Dynamic range of –90 to –20dBm
–4
4
dB
BLE 1Mbps (LE 1M) Receiver Characteristics
Receiver sensitivity(3)
PER <30.2%, 37 byte packets
– 97.4
dBm
Receiver sensitivity(3)
PER <30.2%, 255 byte packets
– 96.2
dBm
Receiver saturation
PER <30.2%
2
dBm
Co-channel rejection(1)
Wanted signal at –67dBm, modulated interferer in
channel
10
dB
Selectivity, ±1MHz(1)
Wanted signal at –67dBm, modulated interferer at
±1MHz
0 / 0
dB
Selectivity, ±2MHz(1)
Wanted signal at –67dBm, modulated interferer at
±2MHz.
–35 / –28
dB
Selectivity, ±3MHz(1)
Wanted signal at –67dBm, modulated interferer at
±3MHz
–38 / –32
dB
Selectivity, ±4MHz(1)
Wanted signal at –67dBm, modulated interferer at
±4MHz
–45 / –40
dB
Out-of-band blocking
30MHz to 2000MHz, Wanted signal at –67dBm
–23
dBm
Out-of-band blocking
2003MHz to 2399MHz, Wanted signal at –67dBm
–30
dBm
Out-of-band blocking
2484MHz to 2997MHz, Wanted signal at –67dBm
–30
dBm
Out-of-band blocking
3000MHz to 6GHz, Wanted signal at –67dBm
–21
dBm
Intermodulation
Wanted signal at 2402MHz, –64dBm. Two
interferers at 2405 and 2408MHz respectively, at
the given power level
–40
dBm
RSSI accuracy
Dynamic range of –90 to –20dBm
–4
4
dB
BLE 2Mbps (LE 2M) Receiver Characteristics
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com