Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments ISO6420FDWVR Datasheet HTML 10Page - Texas Instruments ISO6420FDWVR Datasheet HTML 11Page - Texas Instruments ISO6420FDWVR Datasheet HTML 12Page - Texas Instruments ISO6420FDWVR Datasheet HTML 13Page - Texas Instruments ISO6420FDWVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
6.9 Supply Current Characteristics—5V Supply
VCC1 = VCC2 = 5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6420 (default high) and ISO6420F (default low, with F suffix)
Supply current - DC signal
VI = VCC1 (1)(default high); VI = 0V (default low, with F
suffix)
ICC1
1.7
2.5
mA
ICC2
0.7
0.9
VI = 0V (default high); VI = VCC1 (default low, with F
suffix)
ICC1
5.3
6.6
ICC2
0.6
0.75
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15pF
1Mbps
ICC1
3.8
4.45
ICC2
0.8
0.95
10Mbps
ICC1
3.8
4.55
ICC2
1.7
2
100Mbps
ICC1
4.2
5.05
ICC2
10.9
12.5
ISO6421 (default high) and ISO6421F (default low, with F suffix)
Supply current - DC signal
VI = VCC1 (1)(default high); VI = 0V (default low, with F
suffix)
ICC1, ICC2
1.7
2.45
mA
VI = 0V (default high); VI = VCC1 (default low, with F
suffix)
ICC1, ICC2
3.6
4.4
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15pF
1Mbps
ICC1, ICC2
2.8
3.4
10Mbps
ICC1, ICC2
3.3
3.95
100Mbps
ICC1, ICC2
8.2
9.4
(1)
VCCI = Input-side VCC
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com