Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5262B.. Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1N5262B..
Description  Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5262B.. Datasheet(HTML) 4 Page - ON Semiconductor

  1N5262B.. Datasheet HTML 1Page - ON Semiconductor 1N5262B.. Datasheet HTML 2Page - ON Semiconductor 1N5262B.. Datasheet HTML 3Page - ON Semiconductor 1N5262B.. Datasheet HTML 4Page - ON Semiconductor 1N5262B.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.onsemi.com
4
Top Mark Information (Continued)
General Requirements:
1.0 Cathode Band
2.0 First Line:
-
ON Semiconductor Logo
3.0 Second Line: Device name - For 1Nxx series: 4th to 5th characters of the device name.
For BZxx series: 5th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name.
For BZXyy series: Voltage rating
5.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
6.0 Maximum no. of marking lines: 3
7.0 Maximum no. of digits per line: 2
8.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified
line.
9.0 Marking Font: Arial (Except FSC Logo)
10.0 First character of each marking line must be aligned vertically.
11.0 All device markings must be based on
ON Semiconductor device specification.
22
1B
1st line:
-
ON Semiconductor Logo
2nd line: Device Name - 4th to 5th characters of the device name.
or 5th to 6th characters for BZXyy series
3rd line: Device Name - 6th to 7th characters of the device name.
or Voltage rating for BZXyy series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com