Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5262B.. Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N5262B..
Description  Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5262B.. Datasheet(HTML) 1 Page - ON Semiconductor

  1N5262B.. Datasheet HTML 1Page - ON Semiconductor 1N5262B.. Datasheet HTML 2Page - ON Semiconductor 1N5262B.. Datasheet HTML 3Page - ON Semiconductor 1N5262B.. Datasheet HTML 4Page - ON Semiconductor 1N5262B.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Publication Order Number:
1N5263B/D
© 2007
Semiconductor Components Industries, LLC.
November-2017,Rev. 5
1N5221B - 1N5263B
Zener Diodes
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Non-recurrent square wave Pulse Width = 8.3 ms, TA = 50°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
Derate above 50
°C4.0
mW
°C
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature Range
-65 to +200
°C
Lead Temperature (1/16 inch from case for 10 s)
+230
°C
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Tolerance = 5%


Similar Part No. - 1N5262B..

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5262B FAIRCHILD-1N5262B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5262B FAIRCHILD-1N5262B Datasheet
85Kb / 3P
Zeners
logo
Diodes Incorporated
1N5262B DIODES-1N5262B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Formosa MS
1N5262B FORMOSA-1N5262B Datasheet
94Kb / 3P
Zener diode
logo
Comchip Technology
1N5262B COMCHIP-1N5262B Datasheet
32Kb / 2P
500mw Epitaxial Zener Diode
More results

Similar Description - 1N5262B..

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com