Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0106 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0106
Description  Light Disc (SKU:DFR0106)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0106 Datasheet(HTML) 1 Page - DFROBOT

  DFR0106 Datasheet HTML 1Page - DFROBOT DFR0106 Datasheet HTML 2Page - DFROBOT DFR0106 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Light Disc (SKU:DFR0106)
Introduction
This fantastic light disc consists of 7 SMD RGB LEDs. It illustrates a beautiful color combination
much better than traditional RGB leds. You can control the LEDs via the RGB pins. By pulse-width-
modulating the pins any color can be created by mixing different amounts of red, green, and blue.
Running from a 5V source, these LEDs are painfully bright. Using a proper case, you can create a
beautiful mood light in just minutes.
Ideal for Arduino lighting project. It can be powered by Arduino Digital Pin out with only USB power
supply.
It has built in resistors, it will work flawlessly with Arudino 5V power.


Similar Part No. - DFR0106

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0105 DFROBOT-DFR0105 Datasheet
140Kb / 4P
Power Shield (SKU:DFR0105)
More results

Similar Description - DFR0106

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
Analog Navigation Disc
logo
NTE Electronics
90000 NTE-90000 Datasheet
15Kb / 1P
1000V CERAMIC DISC
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
14-Mar-08
logo
List of Unclassifed Man...
820512001 ETC2-820512001 Datasheet
148Kb / 6P
STANDARD VARISTOR DISC
820551311 ETC2-820551311 Datasheet
148Kb / 6P
STANDARD VARISTOR DISC
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
CERAMIC DISC
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
logo
Pepperl+Fuchs Inc.
MH-BT65-SD-01 PF-MH-BT65-SD-01 Datasheet
954Kb / 1P
Distance disc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com