Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0106 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0106
Description  Light Disc (SKU:DFR0106)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0106 Datasheet(HTML) 2 Page - DFROBOT

  DFR0106 Datasheet HTML 1Page - DFROBOT DFR0106 Datasheet HTML 2Page - DFROBOT DFR0106 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specification
Power Supply: 5V
Current consumption with full 5V:
Blue: 60ma (7 leds)
Red: 70ma (7 leds)
Green: 108ma (7 leds)
7 SMD RGB LED
6000 mcd
Connection Diagram
DFR0106 Connection Diagram
This Disk requires PWM pins, you may use any Pins capable of PWM output.
Sample code
//This sample code use Digital Pin 3,5,6 and GND
// This code only works for V1 version which comes with a soldered cable
// www.dfrobot.com
// Last modified on 26/11/2014
int B = 3; //Connect Blue led to Digital pin 3
int R = 5;//Connect Red led to Digital pin 5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com