Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0119 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0119
Description  3W mini audio stereo amplifier (SKU:DFR0119)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0119 Datasheet(HTML) 1 Page - DFROBOT

  DFR0119 Datasheet HTML 1Page - DFROBOT DFR0119 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
3W mini audio stereo amplifier (SKU:DFR0119)
 
Contents
1 Introduction
2 Specifications
3 Connection Diagram
Introduction
This is a mini stereo amplifier. It is a fully functional, two-channel audio amplifier, comes with electric
switcher.
Specifications
Power Supply: DC 3.6-5.5V (DO NOT apply over 5.5V, it damage the chip presently)
Output power: 3w+3w (4 ohms)
Efficiency: >90%
Size: 15.5*24mm
Weight: 7g


Similar Part No. - DFR0119

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0117 DFROBOT-DFR0117 Datasheet
162Kb / 5P
EEPROM Data Storage Module For Arduino (SKU:DFR0117)
More results

Similar Description - DFR0119

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
3W Stereo Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
UPA2008 UTC-UPA2008 Datasheet
301Kb / 8P
3W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com