Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0119 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0119
Description  3W mini audio stereo amplifier (SKU:DFR0119)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0119 Datasheet(HTML) 2 Page - DFROBOT

  DFR0119 Datasheet HTML 1Page - DFROBOT DFR0119 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connection Diagram
Sleep Mode:
When the "SW" PIN is low(0V), it will turn off the amplifier's bias circuitry. and enter the sleeping
mode.
When the "SW" value is high(5V), it will enter the working mode.
By default (without anything connected to this PIN) it will be HIGH / powered on and in normal
operation. If you don't need to turn it off manually, you can leave this pin disconnected like in the
wiring diagram picture. This feature is optional and will allow you by software to turn it off, to avoid
noise or save power. Note, the picture has a battery for power input, but you can use other power
supply at 5V.
 
 
 
Powered By DFRobot © 2008-2017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com