Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0154 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0154
Description  I2C TWI LCD2004 Module (Arduino/Gadgeteer Compatible) (SKU:DFR0154)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0154 Datasheet(HTML) 1 Page - DFROBOT

  DFR0154 Datasheet HTML 1Page - DFROBOT DFR0154 Datasheet HTML 2Page - DFROBOT DFR0154 Datasheet HTML 3Page - DFROBOT DFR0154 Datasheet HTML 4Page - DFROBOT DFR0154 Datasheet HTML 5Page - DFROBOT DFR0154 Datasheet HTML 6Page - DFROBOT DFR0154 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
I2C TWI LCD2004 Module
(Arduino/Gadgeteer Compatible)
(SKU:DFR0154)
 
Introduction
I2C/TWI LCD2004 module compatible with Gadgeteer is a cool lcd display with a high speed I2C
serial bus from DFRobot. With the limited pin resources, your project may be out of resources using
normal LCD shield. The LCD display is a 4x20 character STN white display with a blue LED
backlight.
With this I2C interface LCD module, you only need 2 lines (I2C) to display the information.If you
already have I2C devices in your project, this LCD module actually cost no more resources at all.
Fantastic for Arduino based project.
This board is able to be powered by 5V or 3.3V which make it compatile with both
Gadgeteer, Arduino DUE3.3V system and standard Arduino UNO/ Arduino Mega 5V system.


Similar Part No. - DFR0154

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0159 DFROBOT-DFR0159 Datasheet
196Kb / 3P
DFRduino Pro Mini V1.3(16M5V328)
8-22-18
More results

Similar Description - DFR0154

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
ULCD-28-PTU-AR ETC2-ULCD-28-PTU-AR Datasheet
377Kb / 6P
Arduino Display Module Pack
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
ULCD-43PT-AR ETC2-ULCD-43PT-AR Datasheet
379Kb / 6P
Arduino Display Module Pack Featuring a 4.3??Display Module
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
ULCD-35DT-AR ETC2-ULCD-35DT-AR Datasheet
325Kb / 7P
Arduino Display Module Pack
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com