Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0154 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0154
Description  I2C TWI LCD2004 Module (Arduino/Gadgeteer Compatible) (SKU:DFR0154)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0154 Datasheet(HTML) 2 Page - DFROBOT

  DFR0154 Datasheet HTML 1Page - DFROBOT DFR0154 Datasheet HTML 2Page - DFROBOT DFR0154 Datasheet HTML 3Page - DFROBOT DFR0154 Datasheet HTML 4Page - DFROBOT DFR0154 Datasheet HTML 5Page - DFROBOT DFR0154 Datasheet HTML 6Page - DFROBOT DFR0154 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specification
I2C Address: 0x20-0x27(0x20 default)
Number of Characters: 20 characters x 4 Lines
Blue LED backlight with white char color
Adjustable contrast
Supply voltage: 5V(via Pin) 3.3V(via IDC10)
Interface: IIC/TWI x1,IDC10 x2
View direction: Wide viewing angle
Dot size: 0.55 x 0.55 mm
Dot pitch: 0.60 x 0.60 mm
Character size: 2.96 x 4.75 mm
Character pitch: 3.55 x 5.35 mm
Size: 98x60x24mm
Contrast Adjust
The contrast can be adjusted by the potential-meter displayed in the following picture.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com