Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0159 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0159
Description  DFRduino Pro Mini V1.3(16M5V328)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0159 Datasheet(HTML) 1 Page - DFROBOT

  DFR0159 Datasheet HTML 1Page - DFROBOT DFR0159 Datasheet HTML 2Page - DFROBOT DFR0159 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
  
DFRduino Pro Mini V1.3(16M5V328)
SKU:DFR0159 
 
INTRODUCTION
The 5V DFduino Pro Mini V1.3(Arduino Pro Mini Compatible)  is a microcontroller board based on the 
ATmega328.It is a 5V DFduino running the 16MHz bootloader (select 'Arduino Duemilanove w/ 328' 
within the Arduino software).
 It is an advance version of offical Arduino Pro Mini. The DFRduino Pro mini has 8 analog inputs 
compared with offical 6.  The rest bits are exactly the same. 
 It has 14 digital input/output pins (of which 6 can be used as PWM outputs), 8 analog inputs, an on‐
board resonator, a reset button, and holes for mounting pin headers. A six pin header can be connected 
to an FTDI cable or DFRobot breakout board to provide USB power and communication to the board. 


Similar Part No. - DFR0159

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0154 DFROBOT-DFR0154 Datasheet
179Kb / 7P
I2C TWI LCD2004 Module (Arduino/Gadgeteer Compatible) (SKU:DFR0154)
8-22-18
More results

Similar Description - DFR0159

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
TVText Pro
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
LPC2478-32 ETC2-LPC2478-32 Datasheet
403Kb / 6P
OEM Board v1.3 DS
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
ELMOS Semiconductor AG
E521.40 ELMOS-E521.40 Datasheet
1Mb / 84P
Transceiver compliant with PSI5 standard v1.3 and v2.1
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
Xilinx, Inc
DS589 XILINX-DS589 Datasheet
217Kb / 6P
Virtex-5 FPGA CRC Wizard v1.3
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
logo
IOGEAR
GWHD2DKIT IOGEAR-GWHD2DKIT Datasheet
166Kb / 2P
Share Pro??Mini Wireless HD Video Transmitter and Receiver Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com