Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0159 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0159
Description  DFRduino Pro Mini V1.3(16M5V328)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0159 Datasheet(HTML) 2 Page - DFROBOT

  DFR0159 Datasheet HTML 1Page - DFROBOT DFR0159 Datasheet HTML 2Page - DFROBOT DFR0159 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 The DFRduino Pro Mini is intended for semi‐permanent installation in objects or exhibitions. The board 
comes without pre‐mounted headers, allowing the use of various types of connectors or direct soldering 
of wires. The pin layout is compatible with the Arduino Mini. 
 We recommand that you choose one of following items to program and supply power for your Mini pro 
board. 
 1. FTDI Basic Breakout 3.3/5V (Arduino Compatible)  
 2. USB Serial Light Adapter (Arduino Compatible)  
 Note: Compared with DFduino Pro Mini V1.2, this V1.3 reverses the pins of the programming interface. 
 
SPECIFICATION
DC input 5V up to 8V(power supply from RAW pin)
DC input 5v(from VCC pin) 
Bootloader: Arduino Pro/Pro Mini (5V, 16Mhz) w/ Atmega328 
5V regulator 
Max 150mA output 
ATmega328 running at 16MHz with external resonator (0.5% tolerance) 
Low‐voltage board needs no interfacing circuitry for popular 3.3V devices and modules (GPS, 
accelerometers, sensors, etc) 
USB connection off board 
Supports auto‐reset 
Over current protected 
Reverse polarity protected 
On board Power and Status LEDs 
Size:0.7x1.3" (18x33mm) 
  
 
SHIPPING LIST
DFRduino Pro Mini V1.3  x1
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com