Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65344_JACE Datasheet(PDF) 3 Page - VAT Group AG

Part # 65344_JACE
Description  Control pendulum valve Series 653, DN 160 (I.D. 6”)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

65344_JACE Datasheet(HTML) 3 Page - VAT Group AG

  65344_JACE Datasheet HTML 1Page - VAT Group AG 65344_JACE Datasheet HTML 2Page - VAT Group AG 65344_JACE Datasheet HTML 3Page - VAT Group AG 65344_JACE Datasheet HTML 4Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
Control pendulum valve
Series 653, DN 160 (I.D. 6”)
Ordering No. 65344-JACE-0001
Created by: KAMNO
Release date: 11.02.2021
3/4
Modified by:
Release date:
1075701EA
Max. conductance (N2 molecular
flow)
5000 l/s
Actuating time
Pressure control (throttling) -
Default speed
0.8 s typ.
Pressure control (throttling) -
Fast speed
0.4 s typ.
full open to close (isolated)
3 s typ.
close (isolated) to full open
4 s typ.
2.2
Control unit
Power supply input
connector
D-Sub, DA-15, male
supply voltage
+24 VDC (±10%) @ 0.5 V pk-pk max.
Power consumption
(control / drive)
70 W (max.)
with optional SPS + 40 W
with optional PFO + 10 W
Ambient
temperature
0 °C to +50 °C max. (<35 °C recommended)
humidity
0 to 95% RH, non-condensing
Interface
remote
Logic
service port
USB-B
(USB 2.0)
Sensor
connector
D-Sub, DA-15, female
number of inputs
2
signal voltage
-10 … +10
 V
input resistance
100 k
Ω
ADC resolution
0.1 mV
sampling rate
2 ms
power supply (output)
+24 VDC / 1.5 A max. or
±15 VDC / 1.2 A max. (with SPS option)
Position resolution
58‘000 (full stroke)
Actuator type
Stepper motor with servo control
Pressure control accuracy
5 mV or 0.1% of setpoint, the higher value applies
Ingress Protection
IP 30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com