Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65344_JACE Datasheet(PDF) 1 Page - VAT Group AG

Part # 65344_JACE
Description  Control pendulum valve Series 653, DN 160 (I.D. 6”)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

65344_JACE Datasheet(HTML) 1 Page - VAT Group AG

  65344_JACE Datasheet HTML 1Page - VAT Group AG 65344_JACE Datasheet HTML 2Page - VAT Group AG 65344_JACE Datasheet HTML 3Page - VAT Group AG 65344_JACE Datasheet HTML 4Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
Control pendulum valve
Series 653, DN 160 (I.D. 6”)
Ordering No. 65344-JACE-0001
Created by: KAMNO
Release date: 11.02.2021
1/4
Modified by:
Release date:
1075701EA
1
Description
This product is a Pendulum control valve for conductance control in vacuum systems.
Flange
DN 160 (6“), ISO-F
Actuator
type
servo motor
position
B1
Controller
type
integrated
interface
Logic
number of
sensor inputs
2
options
SPS / PFO 1)
firmware
version
F01.0C.28.23
Rotary feedthrough
double sealed
Seals
rotary
feedthrough
atmosphere
side
FKM (e.g. Viton®)
vacuum side
FKM (e.g. Viton®)
seal ring
Body
FKM (e.g. Viton®)
Plate
FKM (e.g. Viton®)
bonnet
FKM (e.g. Viton®)
shaft
feedthrough
atmosphere
side
FKM (e.g. Viton®)
vacuum side
FKM (e.g. Viton®)
1)
none = no option, PFO = power failure option, SPS = sensor power supply
Sample picture


Similar Part No. - 65344_JACE

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
65344_PAGQ VAT-65344_PAGQ Datasheet
255Kb / 7P
Series 653, DN 100 - 350 mm (I.D. 4ʺ - 12ʺ)
More results

Similar Description - 65344_JACE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
Square Body - DIN 43 653
logo
TAI-SAW TECHNOLOGY CO.,...
TA1358A TAI-SAW-TA1358A Datasheet
431Kb / 6P
SAW Filter 653 MHz
logo
Adels-Contact
150466 ADELS-150466 Datasheet
118Kb / 1P
160 ST/ 6 natural
30/12/2019
150566 ADELS-150566 Datasheet
118Kb / 1P
160 ST/ 6 DS natural
30/12/2019
151466 ADELS-151466 Datasheet
117Kb / 1P
160 BU/ 6 natural
30/12/2019
151566 ADELS-151566 Datasheet
117Kb / 1P
160 BU/ 6 DS natural
30/12/2019
logo
List of Unclassifed Man...
CL101 ETC1-CL101 Datasheet
270Kb / 1P
Control valve Pressure reducing valve
logo
Festo Corporation.
8088772 FESTO-8088772 Datasheet
74Kb / 2P
Valve control module
1/21/22
logo
SparkFun Electronics
WRL-15001 SPARKFUN-WRL-15001 Datasheet
209Kb / 4P
HAMlab - 160-6 10W
1??1??9
logo
TRACO Electronic AG
TEP160 TRACOPOWER-TEP160 Datasheet
1Mb / 5P
TEP 160 Series, 160 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com