Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0188 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0188
Description  Flymaple V1.1(SKU:DFR0188)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0188 Datasheet(HTML) 1 Page - DFROBOT

  DFR0188 Datasheet HTML 1Page - DFROBOT DFR0188 Datasheet HTML 2Page - DFROBOT DFR0188 Datasheet HTML 3Page - DFROBOT DFR0188 Datasheet HTML 4Page - DFROBOT DFR0188 Datasheet HTML 5Page - DFROBOT DFR0188 Datasheet HTML 6Page - DFROBOT DFR0188 Datasheet HTML 7Page - DFROBOT DFR0188 Datasheet HTML 8Page - DFROBOT DFR0188 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
 
Flymaple V1.1(SKU:DFR0188)
Contents
1 Introduction
1.1 Applications
1.2 Specification
1.3 Windows System Driver
2 Diagram
3 Sample Code
Introduction
Flymaple is a Quadcopter controller board, based on the Maple Project. The FlyMaple embeds a
STM32F103RET6 (ARM Cortex-M3) as it's main MCU. It integrates a 3-Axis accelerometer,a 3-Axis
gyroscope,a 3-Axis compass and a barometric pressure sensor. By using the 10 dgrees of freedom
IMUs and powerful 72MHz high-performation microcontroller, flymaple is powerful enough to handle
a complex algorithm and manage a robot motion system at the same time.
The design of flymaple is based on the maple, which is an arduino sytle ARM processor. The Maple
IDE will make Processing/Arduino programmers feel right at home. If you're familiar with Arduino
then you can get started with the Maple IDE quite easily.
Flymaple is aimed to run on the balancing robots,mobile platform,helicopters and quadcopters which
require IMUs and high performance real time controllers. It has an amazing scalability, because it's
compatible with the Arduino shields. FlyMaple extends 6 PWM channels and 8 channels for GPIO
for controlling ESC/Servo and capturing RC receiver input.


Similar Part No. - DFR0188

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0105 DFROBOT-DFR0105 Datasheet
140Kb / 4P
Power Shield (SKU:DFR0105)
DFR0106 DFROBOT-DFR0106 Datasheet
206Kb / 3P
Light Disc (SKU:DFR0106)
8-22-18
DFR0117 DFROBOT-DFR0117 Datasheet
162Kb / 5P
EEPROM Data Storage Module For Arduino (SKU:DFR0117)
DFR0119 DFROBOT-DFR0119 Datasheet
133Kb / 2P
3W mini audio stereo amplifier (SKU:DFR0119)
DFR0125 DFROBOT-DFR0125 Datasheet
430Kb / 2P
DFRduino Ethernet Shield V2.1 (Support Mega and Micro SD)
8-8-18
More results

Similar Description - DFR0188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
SBS v1.1-Compliant Gas Gauge IC
logo
Delta Electronics, Inc.
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
logo
Texas Instruments
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
logo
List of Unclassifed Man...
RFM63B ETC2-RFM63B Datasheet
3Mb / 90P
ISM TRANSCEIVER MODULE V1.1
logo
Texas Instruments
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
logo
Advantech Co., Ltd.
ROM-DB5900 ADVANTECH-ROM-DB5900 Datasheet
544Kb / 2P
Development Board for SMARC v1.1 RISC Module
14-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com