Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0188 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0188
Description  Flymaple V1.1(SKU:DFR0188)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0188 Datasheet(HTML) 2 Page - DFROBOT

  DFR0188 Datasheet HTML 1Page - DFROBOT DFR0188 Datasheet HTML 2Page - DFROBOT DFR0188 Datasheet HTML 3Page - DFROBOT DFR0188 Datasheet HTML 4Page - DFROBOT DFR0188 Datasheet HTML 5Page - DFROBOT DFR0188 Datasheet HTML 6Page - DFROBOT DFR0188 Datasheet HTML 7Page - DFROBOT DFR0188 Datasheet HTML 8Page - DFROBOT DFR0188 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Aircraft
Balancing robots
Indoor inertial navigation
Altimeter
Specification
Working Voltage: 5v
7~12v External Power supply from the 2p JST connector
Output Voltage: 3.3v/5v or External input power
Microcontroller: STM32F103
Running at 72Mhz with 32bit Arduino sytle ARM processor(Cortex-M3)
Bootloader: Leaflabs Maple RET6 Edition
10 Degrees of Freedom on a single, flat board:
ITG-3200 - triple-axis digital-output gyroscope
ADXL345 - 13-bit resolution, ¡À16g, triple-axis accelerometer
HMC5883L - triple-axis, digital magnetometer
BMP085 - high-precision barometric pressure sensor
Programable through an Arduino-based development environment - Maple IDE
Compatible with most of Arduino shields
Extends 6 channels PWM pins for controlling ESC/Servo
Extends 8 channels GPIO for capturing RC receiver output
3x 4p JST connectors:
Serial port 1
GPS extension port
I2C interface
Size: 50x50x12mm
Weight: 15g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com