Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0191 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0191
Description  Mega 2560 V3.0 (Arduino Mega 2560 R3 Compatible)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0191 Datasheet(HTML) 1 Page - DFROBOT

  DFR0191 Datasheet HTML 1Page - DFROBOT DFR0191 Datasheet HTML 2Page - DFROBOT DFR0191 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Mega 2560 V3.0 (Arduino Mega 2560 R3 Compatible) 
SKU: DFR0191 
 
 
 
INTRODUCTION
NEW VERSION! This is the upgraded DFRduino Mega 2560 V3.0 which is now fully compatible with Arduino Mega 2560
R3. The Arduino Mega is a microcontroller board based on the ATmega2560. It has 54 digital input/output pins (of which 14 can
be used as PWM outputs), 16 analog inputs, 4 UARTs (hardware serial ports), a 16 MHz crystal oscillator, a USB connection, a
power jack, an ICSP header and a reset button. It contains everything needed to support the microcontroller; Connect it to a
computer with a USB cable or power it with a AC-to-DC adapter or battery to get started. The Mega is compatible with most
shields designed for the Arduino Duemilanove, Diecimila or Uno.
One cool thing about our DFRduino microcontrollers is that the hearders with different colors are used to differentiate I/O ports
in an relatively easy way:
Red indicates Power Section
Blue indicates Analog I/O
Green indicates Digital I/O.


Similar Part No. - DFR0191

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0105 DFROBOT-DFR0105 Datasheet
140Kb / 4P
Power Shield (SKU:DFR0105)
DFR0106 DFROBOT-DFR0106 Datasheet
206Kb / 3P
Light Disc (SKU:DFR0106)
8-22-18
DFR0117 DFROBOT-DFR0117 Datasheet
162Kb / 5P
EEPROM Data Storage Module For Arduino (SKU:DFR0117)
DFR0119 DFROBOT-DFR0119 Datasheet
133Kb / 2P
3W mini audio stereo amplifier (SKU:DFR0119)
DFR0125 DFROBOT-DFR0125 Datasheet
430Kb / 2P
DFRduino Ethernet Shield V2.1 (Support Mega and Micro SD)
8-8-18
More results

Similar Description - DFR0191

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3570 NEC-UPD3570 Datasheet
207Kb / 8P
UPD3570 2560-BIT CCD LINEAR IMAGE SENSOR
logo
DB Lectro Inc
BTL-51WHC-XX-X DBLECTRO-BTL-51WHC-XX-X Datasheet
198Kb / 3P
MEGA BRIGHT LED
logo
RF Monolithics, Inc
SF2238E RFM-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
API Technologies Corp
CMN641 APITECH-CMN641 Datasheet
122Kb / 1P
2560 ??2596 MHz Notch/Bandpass Filter
logo
Murata Manufacturing Co...
SF2238E MURATA-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
TriQuint Semiconductor
880157 TRIQUINT-880157_15 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1234A TAI-SAW-TA1234A Datasheet
360Kb / 8P
SAW Filter 2560 MHz
logo
Qorvo, Inc
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
SparkFun Electronics
PRT-11417 SPARKFUN-PRT-11417 Datasheet
173Kb / 1P
Arduino Stackable Header Kit - R3
8/3/2016
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com