Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0191 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0191
Description  Mega 2560 V3.0 (Arduino Mega 2560 R3 Compatible)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0191 Datasheet(HTML) 2 Page - DFROBOT

  DFR0191 Datasheet HTML 1Page - DFROBOT DFR0191 Datasheet HTML 2Page - DFROBOT DFR0191 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This kind of correspondence match exactly the same with our sensors, making it even cooler and more user-friendly.
The R3 board enjoys following new features:
Added SDA and SCL pins that are close to AREF pin and two other new pins close to RESET pin, allowing voltage adaptation
with IOREF. Our shields will be fully compatible both with the AVR boards operating @5V and Due @3.3V in future.
Improved RESET circuit
Replacing the Atmega 8U2 with Atmega 16U2 (datasheet) http://www.atmel.com/images/7799s.pdf
Version history:
V3.1 - Choose the quartz crystals resonator to improve the timer and serial accuracy. Compared with ceramic crystals, quartz crystals get
better temperature stability.
 
SPECIFICATION
Compatible with Arduino Mega 2560 R3
Microcontroller: ATmega2560
Operating Voltage: 5V
Input Voltage (recommended): 7 ~ 12V
Digital I/O Pins: 54 (of which 14 provide PWM output)
Analog Input Pins: 16
DC Current per I/O Pin: 40 mA
DC Current for 3.3V Pin: 50 mA
Flash Memory: 256 KB of which 8 KB used by bootloader
SRAM: 8 KB
EEPROM: 4 KB
Clock Speed: 16 MHz
The Mega is compatible with:
Mega Prototyping Shield For Arduino Mega
Mega IO Expansion Shield V2.3 For Arduino Mega
Mega-multi Expansion Shield
LCD Keypad Shield For Arduino
2A Motor Shield for Arduino
Stepper Motor Driver Shield for Arduino
Screw Shield V3 for Arduino
Xbee Shield
DFRduino Ethernet Shield (Support Mega and SD)
Relay Shield for Arduino V2.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com