Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0305 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0305
Description  RoMeo BLE (SKU:DFR0305)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0305 Datasheet(HTML) 1 Page - DFROBOT

  DFR0305 Datasheet HTML 1Page - DFROBOT DFR0305 Datasheet HTML 2Page - DFROBOT DFR0305 Datasheet HTML 3Page - DFROBOT DFR0305 Datasheet HTML 4Page - DFROBOT DFR0305 Datasheet HTML 5Page - DFROBOT DFR0305 Datasheet HTML 6Page - DFROBOT DFR0305 Datasheet HTML 7Page - DFROBOT DFR0305 Datasheet HTML 8Page - DFROBOT DFR0305 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 
 
RoMeo BLE (SKU:DFR0305)
From Robot Wiki 
 
Contents
1 Introduction 
2 Specifications 
3 Pin Description 
4 Before you start  
o
4.1 Applying Power 
o
4.2 Software 
5 Romeo Configuration  
o
5.1 Servo Power Select Jumper 
o
5.2 Motor Control Pin Jumper 
6 Tutorial  
o
6.1 New function 
o
6.2 Experiment  
6.2.1 The code is as follows: 
o
6.3 Buttons  
6.3.1 Demo Code 1: 
6.3.2 Demo Code 2: 
6.3.3 Example use of Button S1‐S5: 
o
6.4 Speed regulation of the two‐armature DC motor 
o
6.5 PWM control mode  
6.5.1 Sample Code: 
6.5.2 PLL Control Mode 
6.5.3 Sample Code: 
o
6.6 The serial port using 
o
6.7 Sample for RoMeo BLE connecting to smart phones 
o
6.8 Wireless programming via BLE 
o
6.9 Configurate the BLE part using AT commands 
o
6.10 BLE firmware update of Bluno mega2560 ("AT + VERSION" to check the version) 


Similar Part No. - DFR0305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFR0300 ETC-DFR0300 Datasheet
75Kb / 1P
Conductivity Electrode User Manual
logo
DFROBOT
DFR0300-H DFROBOT-DFR0300-H Datasheet
796Kb / 12P
DFRobot Gravity
DFR0306 DFROBOT-DFR0306 Datasheet
163Kb / 4P
Bluno Mega 1280 (SKU:DFR0306)
DFR0308 DFROBOT-DFR0308 Datasheet
147Kb / 2P
DTMF Shield For Arduino SKU:DFR0308
More results

Similar Description - DFR0305

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
Designing BLE Applications
logo
Cypress Semiconductor
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
EZ-BLE??PSoC짰 Module
CYBLE-214009-00 CYPRESS-CYBLE-214009-00 Datasheet
1Mb / 42P
EZ-BLE??PSoC짰 Module
logo
Pulse A Technitrol Comp...
W5100 PULSE-W5100 Datasheet
1Mb / 9P
On-ground BLE/NFC combo
logo
Holtek Semiconductor In...
BC7601 HOLTEK-BC7601 Datasheet
1Mb / 16P
BLE Transparent Transmission Controller
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
BLE Transparent Transmission Module
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
logo
LinkCom Manufacturing C...
CLB1A010UAEWA1 LINKCOM-CLB1A010UAEWA1 Datasheet
771Kb / 3P
AC BLE MESH DIMMER
CLB1A010UDEWA0 LINKCOM-CLB1A010UDEWA0 Datasheet
402Kb / 4P
DC BLE MESH DIMMER
CLB1C502UDEWA0-00G LINKCOM-CLB1C502UDEWA0-00G Datasheet
549Kb / 3P
BLE Mesh Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com