Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0305 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0305
Description  RoMeo BLE (SKU:DFR0305)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0305 Datasheet(HTML) 2 Page - DFROBOT

  DFR0305 Datasheet HTML 1Page - DFROBOT DFR0305 Datasheet HTML 2Page - DFROBOT DFR0305 Datasheet HTML 3Page - DFROBOT DFR0305 Datasheet HTML 4Page - DFROBOT DFR0305 Datasheet HTML 5Page - DFROBOT DFR0305 Datasheet HTML 6Page - DFROBOT DFR0305 Datasheet HTML 7Page - DFROBOT DFR0305 Datasheet HTML 8Page - DFROBOT DFR0305 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Introduction
The RoMeo BLE controller possesses all the functions of RoMeo controller, but adds one
significant feature: Bluetooth 4.0 wireless communication, which allows the BLE controller to
receive commands via Bluetooth. This offers the BLE a dazzling degree of customization in
addition to new capabilities: users can now use their smartphone, tablet, or computer to interact
with the BLE. This grants users exciting new possibilities, such as being able to fully control
their mobile platforms straight from their smartphone.
Paired with Arduino, the BLE offers a dynamic range of possibilities compared to previous
Arduino controllers. The RoMeo BLE is a control board specially designed for robot
applications. Owing to Arduino's open-source platform and publicly available open-sourced
codes, the BLE is easily integrated with Arduino modules.
The RoMeo BLE also includes two integrated two-channel DC motor drivers and wireless
sockets, which provides a simpler and more convenient way for users to get their projects started.
Specifications
 
Basic  
Features  
Microcontroller: ATmega328P 
Bootloader: Arduino UNO 
On‐board BLE chip: TI CC2540 
14 Digital I/O ports 
6 PWM Outputs (Pin11, Pin10, Pin9, 
Pin6, Pin5, Pin3) 
8 10‐bit analog input ports 
3 I2Cs 
5 Buttons 
Power Supply Port: USB or DC2.1 
External Power Supply Range: 5‐23V 
DC output: 5V/3.3V  
Size: 94mm x 80mm 
Auto sensing/switching external power input
Transmission range: 70m in free space 
Support bluetooth remote update the 
Arduino program 
Support Bluetooth HID 
Support iBeacons 
Support AT command to config the BLE 
Support Transparent communication through 
Serial 
Support the master‐salve machine switch  
Support usb update BLE chip program 
Support Male and Female Pin Header 
Two way H‐bridgedMotor Driver with 2A 
maximum current 
Integrated sockets for APC220 RF Module 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com