Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB11NM80 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB11NM80
Description  N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM80 Datasheet(HTML) 4 Page - STMicroelectronics

  STB11NM80_07 Datasheet HTML 1Page - STMicroelectronics STB11NM80_07 Datasheet HTML 2Page - STMicroelectronics STB11NM80_07 Datasheet HTML 3Page - STMicroelectronics STB11NM80_07 Datasheet HTML 4Page - STMicroelectronics STB11NM80_07 Datasheet HTML 5Page - STMicroelectronics STB11NM80_07 Datasheet HTML 6Page - STMicroelectronics STB11NM80_07 Datasheet HTML 7Page - STMicroelectronics STB11NM80_07 Datasheet HTML 8Page - STMicroelectronics STB11NM80_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STB11NM80 - STF11NM80 - STP11NM80 - STW11NM80
4/17
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
800
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±30 V
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
34
5
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 5.5 A
0.35
0.40
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS > ID(on) x RDS(on)max,
ID= 7.5A
8S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz,
VGS=0
1630
750
30
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=640 V, ID = 11 A
VGS =10 V
(see Figure 10)
43.6
11.6
21
nC
nC
nC
Rg
Gate input resistance
f=1MHz Gate DC Bias=0
Test signal level=20 mV
Open drain
2.7
Ω
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=400 V, ID= 5.5 A,
RG=4.7 Ω, VGS=10 V
(see Figure 17)
22
17
46
15
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com