Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1601TBR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 13Page - STMicroelectronics STMPE1601TBR Datasheet HTML 14Page - STMicroelectronics STMPE1601TBR Datasheet HTML 15Page - STMicroelectronics STMPE1601TBR Datasheet HTML 16Page - STMicroelectronics STMPE1601TBR Datasheet HTML 17Page - STMicroelectronics STMPE1601TBR Datasheet HTML 18Page - STMicroelectronics STMPE1601TBR Datasheet HTML 19Page - STMicroelectronics STMPE1601TBR Datasheet HTML 20Page - STMicroelectronics STMPE1601TBR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
STMPE1601
System controller
17/58
SYS_CTRL
System control register
Address:
0x02
Type:
R/W
Buffer:
Reset:
0x0B
Description:
System control register.
7
6
54
32
10
SOFT_RESET
CLOCK
SOURCE
DIS_32KHz
SLEEP
EN_GPIO
RESERVED
EN_KPC
EN_SPWM
W
RWRWRW
RWRW
RWRW
RW
R
R
RW
RR
RR
0
0
0
0
1??1
1
[7] SOFT_RESET
Writing a ‘1’ to this bit will do a soft reset of the device. Once the reset is done, this bit will be
cleared to ‘0’ by the HW.
[6] CLOCK_SOURCE
Set to ‘1’ if external 32 kHz clock were to be used. ‘0’ by default.
[5] DIS_32 kHz:
Set this bit to disable the 32 kHz OSC, thus putting the device in hibernate mode.
[4] SLEEP:
Writing a ‘1’ to this bit will put the device in sleep mode. On going to sleep mode, this mode is
reset internally. When in sleep mode, the internal RC oscillator will output a slower sleep clock
which will be used in the device.
[3] EN_GPIO:
Writing a ‘0’ to this bit will gate off the clock to the GPIO module, thus stopping its operation
[2] RESERVED
[1] EN_KPC:
Writing a ‘0’ to this bit will gate off the clock to the Keypad Controller module, thus stopping its
operation
[0] EN_SPWM
Writing a ‘0’ to this bit will gate off the clock to the Simple PWM Controller module, thus
stopping its operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com