Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1601TBR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 33Page - STMicroelectronics STMPE1601TBR Datasheet HTML 34Page - STMicroelectronics STMPE1601TBR Datasheet HTML 35Page - STMicroelectronics STMPE1601TBR Datasheet HTML 36Page - STMicroelectronics STMPE1601TBR Datasheet HTML 37Page - STMicroelectronics STMPE1601TBR Datasheet HTML 38Page - STMicroelectronics STMPE1601TBR Datasheet HTML 39Page - STMicroelectronics STMPE1601TBR Datasheet HTML 40Page - STMicroelectronics STMPE1601TBR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
STMPE1601
Basic PWM controller
37/58
PWM_n_CTRL_n=0-3
PWMn control register n=0-3
Address:
0x51, 0x55, 0x59, 0x5D
Type:
R/W
Buffer:
Reset:
0x00
Description:
PWM blinking control register
7
6
5
432
10
Period 0
Period 1
Repetition
INT_EN
Inverse
Period 0
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
000
00
[7:6] Period 0:
1-4 time units of period 0
[5:4] Period 1:
0-3 time units of period 1
[3:2] Repetition:
Number of repetition
0 for Infinite repetition
[1] INT_EN:
“0” to disable interrupt generation on completion of sequence
“1” to enable interrupt generation on completion of sequence
[0] FRAME:
‘0’ will output period 0 first
‘1’ will output period 1 first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com