Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH12S06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH12S06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12S06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH12S06 Datasheet HTML 1Page - STMicroelectronics STTH12S06 Datasheet HTML 2Page - STMicroelectronics STTH12S06 Datasheet HTML 3Page - STMicroelectronics STTH12S06 Datasheet HTML 4Page - STMicroelectronics STTH12S06 Datasheet HTML 5Page - STMicroelectronics STTH12S06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 2007
Rev 1
1/6
6
STTH12S06
Turbo 2 ultrafast high voltage rectifier
Features and benefits
■ Ultrafast recovery
■ Low reverse recovery current
■ Reduces losses in diode and switching
transistor
■ Low thermal resistance
■ Higher frequency operation
■ Insulated voltage: 1500 VRMS
Description
ST's STTH12S06 is a state of the art Ultrafast
recovery diode. By the use of 600 V Pt doping
Planar technology, this diode will outperform the
power factor correction circuits operating in
hardswitching conditions. The extremely low
reverse recovery current of the STTH12S06,
reduces significantly the switching power losses
of the MOSFET, and thus increases the
efficiency of the application. This allows designers
to reduce the size of their heatsinks.
This device is also intended for applications in
power supplies and power conversions systems,
and other power switching applications.
Table 1.
Main product characteristics
IF(AV)
12 A
VRRM
600 V
IRM (typ.)
6 A
Tj (max)
175 °C
VF (typ)
1.5 V
trr (typ)
14 ns
TO-220FPAC
STTH12S06FP
A
K
Table 2.
Absolute ratings (limiting values at 125 °C, unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(AV)
Average forward current
12
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
100
A
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
175
°C
www.st.com


Similar Part No. - STTH12S06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH12S06FP ISC-STTH12S06FP Datasheet
234Kb / 2P
Fast Soft Recovery Rectifier Diode
More results

Similar Description - STTH12S06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com