Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH12S06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH12S06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12S06 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH12S06 Datasheet HTML 1Page - STMicroelectronics STTH12S06 Datasheet HTML 2Page - STMicroelectronics STTH12S06 Datasheet HTML 3Page - STMicroelectronics STTH12S06 Datasheet HTML 4Page - STMicroelectronics STTH12S06 Datasheet HTML 5Page - STMicroelectronics STTH12S06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics
STTH12S06
2/6
1
Characteristics
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
4.6
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
VR = 600 V
Tj = 25 °C
30
µA
Tj = 125 °C
35
400
VF
Forward voltage drop
IF = 12 A
Tj = 25 °C
3.4
V
Tj = 150 °C
1.5
1.9
Table 5.
Dynamic electrical characteristics
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 1 A dIF/dt = - 200 A/µs VR = 30 V
14
21
ns
IRM
VR = 400 V IF = 12A
dIF/dt = - 200 A/µs
Tj = 125 °C
6.0
8.0
A
S factor
VR = 200 V IF = 12A
dIF/dt = - 200 A/µs
0.3
Qrr
160
nC
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
0
2
4
6
8
10
12
14
16
P(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0
10
20
30
40
50
60
70
80
90
100
01
23
45
67
I
FM(A)
T
j=25°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Typical values)
Tj=150°C
(Typical values)
VFM(V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com