Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 52Page - STMicroelectronics STW4810_07 Datasheet HTML 53Page - STMicroelectronics STW4810_07 Datasheet HTML 54Page - STMicroelectronics STW4810_07 Datasheet HTML 55Page - STMicroelectronics STW4810_07 Datasheet HTML 56Page - STMicroelectronics STW4810_07 Datasheet HTML 57Page - STMicroelectronics STW4810_07 Datasheet HTML 58Page - STMicroelectronics STW4810_07 Datasheet HTML 59Page - STMicroelectronics STW4810_07 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Electrical and timing characteristics
STw4810
56/78
PSRR(1)
Power supply
rejection
VOUT=1.5 V
Vpp = 0.3 V
f < 10 kHz
32
dB
LIR
Line regulation
VOUT=1.5 V
VBAT: [2.7; 4.8]V
5mV
LDR
(1)
Load regulation
VOUT=1.5 V
IOUT= [0.1; 150] mA
10
mV
LIRT
Transient line
regulation
ΔVBAT = 300 mV
tR = tF = 10 µs
2mV
LDRT
Transient load
regulation
IOUT = [10; 90%]
mA
tR = tF = 1 µs
35
mV
tS
Settling time
100
µs
VAUX regulator in sleep mode (PDN_VAUX= 1, SLEEP=’1’)
VBAT
Input power supply
VOUT = 1.5V
VIO_VMEM supply
1.7
4.8
V
VOUT = 1.8/2.5 V
2.7
3.6
4.8
V
VOUT = 2.8 V
3
3.6
4.8
VOUT
Output voltage
VAUX_SEL[1:0]
00 (default)
01
10
11
-3%
1.5
1.8
2.5
2.8
+3%
V
IOUT
Output current
500
µA
IQ
Quiescent current
IOUT = 0 mA
15
µA
PSRR(1)
Power supply
rejection
VOUT=1.5 V
Vpp = 0.3 V
f < 10 kHz
38
dB
LIR
Line regulation
VOUT=1.5 V
VBAT: [2.7; 4.8]V
5mV
LDR
Load regulation
VOUT=1.5 V
IOUT= [10; 90%] µA
10
mV
LIRT
Transient line
regulation
ΔVBAT = 300 mV
tR = tF = 10 µs
2mV
LDRT
Transient load
regulation
IOUT = [10; 90%] µA
tR = tF = 1 µs
35
mV
1.
Guaranteed by design
Table 42.
LDO regulators - VAUX (continued)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com