Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 44Page - STMicroelectronics STW4810_07 Datasheet HTML 45Page - STMicroelectronics STW4810_07 Datasheet HTML 46Page - STMicroelectronics STW4810_07 Datasheet HTML 47Page - STMicroelectronics STW4810_07 Datasheet HTML 48Page - STMicroelectronics STW4810_07 Datasheet HTML 49Page - STMicroelectronics STW4810_07 Datasheet HTML 50Page - STMicroelectronics STW4810_07 Datasheet HTML 51Page - STMicroelectronics STW4810_07 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
Functional description
STw4810
48/78
4.5
SD/MMC/SDIO module
This block provides the power supply (1.8 V, 2.85 V or 3 V) and signal shifting functions
required to connect any of the following peripherals to the multimedia processor:
–SD card
–
MMC cards, low and 52 MHz high speed
–
SDIO cards (except SDIO card version 1.0 / Vsupply range: [3.1; 3.6] V
Cards detection is automatically done by the multimedia processor system. Following a card
detection, the multimedia processor starts the SD/MMC application by writing in the SD
MMC control register (
Table 18) to start LDO VMMC and then starts the protocol
initialization.
The module includes:
–
1.8 V, 2.85 V or 3 V voltage regulators (150 mA)
–
Five bidirectional level shifter channels compatible with 1.8 V, 2.85 V or 3 V
–
Two unidirectional lines for clock: multimedia processor to card and feedback clock
to multimedia processor for synchronization.
–
Four control signals for channel direction
Figure 13.
SD MMC block diagram
SD/ MMC/SDIO INTERFACE
1.8V,2.85V,3V
VBAT_VMMC
VMMC
DRIVER
Level
Shifter
LATCHCLK
CLKOUT
DATAOUT0
MCCLK
MCFBCLK
MCCMDDIR
MCDATA0DIR
MCDATA31DIR
MCCMD
MCDATA[3:1]
MCDATA0
SD, MMC
SDIO OR
CARDS
CMDOUT
5 * RB
DATAOUT[3:1]
Vsdc2
EMIF
Rs
Dz
Dz
RC
MCDATA2DIR
3 * RA
3 * RA
150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com