Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR01S Datasheet(PDF) 5 Page - Multicomp Pro

Part # MOR01S
Description  Metal Oxide Film Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MOR01S Datasheet(HTML) 5 Page - Multicomp Pro

  MOR01S Datasheet HTML 1Page - Multicomp Pro MOR01S Datasheet HTML 2Page - Multicomp Pro MOR01S Datasheet HTML 3Page - Multicomp Pro MOR01S Datasheet HTML 4Page - Multicomp Pro MOR01S Datasheet HTML 5Page - Multicomp Pro MOR01S Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page <5>
V1.2
11/08/20
Metal Oxide Film Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Resistance
Value
Part Number
Metal Oxide
Film
Resistor
10R
MOR0S2J0100A50
15R
MOR0S2J0150A50
22R
MOR0S2J0220A50
33R
MOR0S2J0330A50
47R
MOR0S2J0470A50
68R
MOR0S2J0680A50
100R
MOR0S2J0101A50
150R
MOR0S2J0151A50
220R
MOR0S2J0221A50
330R
MOR0S2J0331A50
470R
MOR0S2J0471A50
680R
MOR0S2J0681A50
1K
MOR0S2J0102A50
Part Number Table
Description
Resistance
Value
Part Number
Metal Oxide
Film
Resistor
1K5
MOR0S2J0152A50
2K2
MOR0S2J0222A50
3K3
MOR0S2J0332A50
4K7
MOR0S2J0472A50
6K8
MOR0S2J0682A50
10K
MOR0S2J0103A50
15K
MOR0S2J0153A50
22K
MOR0S2J0223A50
33K
MOR0S2J0333A50
47K
MOR0S2J0473A50
10R
MOR01SJ0100A10
15R
MOR01SJ0150A10
22R
MOR01SJ0220A10
Part Number Explanation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com