Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR01S Datasheet(PDF) 6 Page - Multicomp Pro

Part # MOR01S
Description  Metal Oxide Film Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MOR01S Datasheet(HTML) 6 Page - Multicomp Pro

  MOR01S Datasheet HTML 1Page - Multicomp Pro MOR01S Datasheet HTML 2Page - Multicomp Pro MOR01S Datasheet HTML 3Page - Multicomp Pro MOR01S Datasheet HTML 4Page - Multicomp Pro MOR01S Datasheet HTML 5Page - Multicomp Pro MOR01S Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page <6>
V1.2
11/08/20
Metal Oxide Film Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Description
Resistance
Value
Part Number
Metal Oxide
Film
Resistor
33R
MOR01SJ0330A10
47R
MOR01SJ0470A10
68R
MOR01SJ0680A10
100R
MOR01SJ0101A10
150R
MOR01SJ0151A10
220R
MOR01SJ0221A10
330R
MOR01SJ0331A10
470R
MOR01SJ0471A10
680R
MOR01SJ0681A10
1K
MOR01SJ0102A10
1K5
MOR01SJ0152A10
2K2
MOR01SJ0222A10
3K3
MOR01SJ0332A10
4K7
MOR01SJ0472A10
6K8
MOR01SJ0682A10
10K
MOR01SJ0103A10
15K
MOR01SJ0153A10
22K
MOR01SJ0223A10
33K
MOR01SJ0333A10
47K
MOR01SJ0473A10
10R
MOR03SJ0100A10
15R
MOR03SJ0150A10
22R
MOR03SJ0220A10
33R
MOR03SJ0330A10
47R
MOR03SJ0470A10
68R
MOR03SJ0680A10
100R
MOR03SJ0101A10
150R
MOR03SJ0151A10
220R
MOR03SJ0221A10
330R
MOR03SJ0331A10
470R
MOR03SJ0471A10
680R
MOR03SJ0681A10
1K
MOR03SJ0102A10
Description
Resistance
Value
Part Number
Metal Oxide
Film
Resistor
1K5
MOR03SJ0152A10
2K2
MOR03SJ0222A10
3K3
MOR03SJ0332A10
4K7
MOR03SJ0472A10
6K8
MOR03SJ0682A10
10K
MOR03SJ0103A10
15K
MOR03SJ0153A10
22K
MOR03SJ0223A10
33K
MOR03SJ0333A10
47K
MOR03SJ0473A10
22R
MOR07WJ0220B09
33R
MOR07WJ0330B09
47R
MOR07WJ0470B09
68R
MOR07WJ0680B09
100R
MOR07WJ0101B09
150R
MOR07WJ0151B09
220R
MOR07WJ0221B09
330R
MOR07WJ0331B09
470R
MOR07WJ0471B09
680R
MOR07WJ0681B09
1K
MOR07WJ0102B09
1K5
MOR07WJ0152B09
2K2
MOR07WJ0222B09
3K3
MOR07WJ0332B09
4K7
MOR07WJ0472B09
6K8
MOR07WJ0682B09
10K
MOR07WJ0103B09
15K
MOR07WJ0153B09
22K
MOR07WJ0223B09
33K
MOR07WJ0333B09
47K
MOR07WJ0473B09
68K
MOR07WJ0683B09
100K
MOR07WJ0104B09
3K3
MOR03SJ0332A10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com