Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7372 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7372 Datasheet HTML 1Page - Diodes Incorporated AP7372 Datasheet HTML 2Page - Diodes Incorporated AP7372 Datasheet HTML 3Page - Diodes Incorporated AP7372 Datasheet HTML 4Page - Diodes Incorporated AP7372 Datasheet HTML 5Page - Diodes Incorporated AP7372 Datasheet HTML 6Page - Diodes Incorporated AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
2 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Typical Applications Circuit
AP7372 with Fixed Output Voltage, 5V
AP7372 with 5V Output Adjusted to 6V
Pin Descriptions
Pin Number
Pin Name
Function
A1
VIN
Input Voltage
B1
SS
Soft-Start. An external capacitor connected to this pin determines the soft-start time. Leave this pin
open for a typical 340
μs startup time. Do not ground this pin.
C1
EN
The enable pin controls the operation of the LDO. Drive EN high to turn on the regulator. Drive EN
low to turn off the regulator. For automatic startup, connect EN to VIN.
A2
VOUT
Regulated Output Voltage
B2
SENSE/ADJ
Sense Input (SENSE). Connect to load.
Adjustable model (ADJ). The adjustable model has a fixed output set to 1.2V. The output can be set
to a voltage higher than 1.2V by connecting an external resistor divider to the ADJ pin.
C2
GND
Ground
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com