Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7372 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7372 Datasheet HTML 1Page - Diodes Incorporated AP7372 Datasheet HTML 2Page - Diodes Incorporated AP7372 Datasheet HTML 3Page - Diodes Incorporated AP7372 Datasheet HTML 4Page - Diodes Incorporated AP7372 Datasheet HTML 5Page - Diodes Incorporated AP7372 Datasheet HTML 6Page - Diodes Incorporated AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
3 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
-0.3 to 24
V
VOUT
Regulated Output Voltage
-0.3 to VIN
V
VEN
Enable Pin Voltage
-0.3 to 26
V
VSENSE/ADJ
Sense and Adjustable Voltage
-0.3 to 6
V
VSS
Soft-Start Voltage
-0.3V to VIN or +6V (whichever is less)
V
IOUT
Output Current
Internally limited
mA
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
TJ
Operating Junction Temperature
+150
°C
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature Range
-40 to +150
°C
HBM
ESD (Human Body Model)
2000
V
CDM
ESD (Change Device Model)
1000
V
Note:
4. a). Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC STD.51 High-K board design used to derive this data was a 3inch x 3inch multilayer
board with 1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
2.7
20
V
VEN
Enable Pin Voltage
0
20
V
VOUT
Supply Output Voltage
1.2
VIN - VDO
V
IOUT
Output Current
0
200
mA
TJ
Operating Junction Temperature
-40
+125
°C
CMIN (Note 5)
Input and Output Minimum Capacitance
1.5
—
µF
COUT(MAX)
Output Maximum Capacitance
—
22
µF
RESR
Capacitor Effective Series Resistance (ESR)
0.001
0.3
Ω
Note:
5. The minimum input and output capacitance must be greater than 1.5
μF over the full range of operating conditions. The full range of operating conditions
in the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors
are recommended, whereas Y5V and Z5U capacitors are not recommended for use with any LDO.
Package Thermal Information
Thermal Metric (Note 6)
U-WLB1012-6 (Type A1)
Unit
RθJA
Junction-to-Ambient Thermal Resistance
163.76
°C/W
RθJC(top)
Junction-to-Case (Top) Thermal Resistance
46.8
°C/W
RθJB
Junction-to-Board Thermal Resistance
28.29
°C/W
ψJT
Junction-to-Top Characterization Parameter
2.84
°C/W
ψJB
Junction-to-Board Characterization Parameter
28.29
°C/W
RθJC(bot)
Junction-to-Case (Bottom) Thermal Resistance
32.8
°C/W
Note:
6. Ratings apply to ambient temperature at +25°C. The JEDEC STD.51 High-K board design used to derive this data was a 3inch × 3inch multilayer board
with 1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com