Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810CHDTLF Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 18Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 19Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 20Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 21Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 22Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 23Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 24Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 25Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
Functional description
STw4810
22/78
Registers controlled by I2C USB bus
The registers described in this chapter are controlled through the USB serial I2C interface,
USBSCL and USBSDA balls.
These registers could also be controlled through the main I2C interface, SCL and SDA balls
by setting to “1” USB-I2C_CTRL bit in Power control register (
Table 23).
Note:
A bit of register 1 is set at “1” by writing a “1” at address 04h, is reset at “0” by writing a “1” at
address 05h. This is also applicable for USB Control Register 2 (06h, 07h), USB Interrupt
register (0Ah,0Bh), USB Interrupt Mask False register (0Ch, 0Dh) and USB Interrupt Mask
True register (0Eh, 0Fh). Writing “0” at any address has not effect on the content of any
register.
Table 8.
Power control register
Register
Addr.
15
14
13
12
11
10
9
8
Power control
1Fh
Not used
reg address 2 bits
Register
Addr.
7
6
5
4
3
2
1
0
Power control
1 Eh
reg address 3 bits
data din/dout 4 bits
ena write
Table 9.
USB register address
Address
Register
Type
00h - 01h
Vendor ID
R
02h - 03h
Product ID
R
04h set
USB Control Register 1
R/W
05h clearh
USB Control Register 1
R/W
06h set
USB Control Register 2
R/W
07h clearh
USB Control Register 2
R/W
08h
USB Interrupt Source
R
09h
Not used
0Ah set
USB Interrupt Latch
R/W
0Bh clearh
USB Interrupt Latch
R/W
0Ch set
USB Interrupt Mask False
R/W
0Dh clearh
USB Interrupt Mask False
R/W
0Eh set
USB Interrupt Mask True
R/W
0Fh clearh
USB Interrupt Mask True
R/W
10h
USB_EN
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com