Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810CHDTLF Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 26Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 27Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 28Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 29Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 30Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 31Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 32Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 33Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
Functional description
STw4810
30/78
Power control register at address 06h
Power control register at address 07h
Table 23.
Power control register at address 06h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4
3
2
1
0
Not used
0011
0
vpll_sel
[0]
vaux_sel
<1:0>
usb_
i2c_ctrl
EN
Bits
Name
Value
Settings
Default
4
vpll_sel[1:0]
on 06h and 07h
address
00
01
10
11
= 1.05V
= 1.2V
= 1.3V
= 1.8V
11
[3:2] vaux_sel[1:0]
00
01
10
11
= 1.5V
= 1.8V
= 2.5V
= 2.8V
00
1
usb_i2c_ctrl
0
1
USB I2C interface controls USB registers
Main I2C interface controls USB registers
0
Table 24.
Power control register at address 07h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9
8765
4
3
2
1
0
Not used
0
0111
en_vpll
not
used
en_
vcore
vpll_sel
[1]
EN
Bits
Name
Value
Settings
Default
4
en_vpll
0
1
Disabled / VPLL = OFF
Enabled / VPLL = ON(1)
1.
No soft start feature at supply enabled after a disabled/enabled sequence
1
2
en_vcore
0
1
Disabled / VCORE = OFF
Enabled / VCORE = ON(1)
1
1
vpll_sel[1]
-
See
Table 23
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com