Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0520 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0520
Description  Dual Digital Pot (100K) SKU: DFR0520
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0520 Datasheet(HTML) 1 Page - DFROBOT

  DFR0520 Datasheet HTML 1Page - DFROBOT DFR0520 Datasheet HTML 2Page - DFROBOT DFR0520 Datasheet HTML 3Page - DFROBOT DFR0520 Datasheet HTML 4Page - DFROBOT DFR0520 Datasheet HTML 5Page - DFROBOT DFR0520 Datasheet HTML 6Page - DFROBOT DFR0520 Datasheet HTML 7Page - DFROBOT DFR0520 Datasheet HTML 8Page - DFROBOT DFR0520 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
 
 
 
Dual Digital Pot (100K) SKU: DFR0520 
Introduction
Digital potentiometer is also called "Digital Pot" in short. It is a kind of mixed signal IC, which is able
to dynamically change the internal resistors through MCU like Arduino. Compared to the traditional
mechanical potentiometer, the digital pot features as flexible (program control), small size (ICs) and
high reliability (without mechanical parts). It can replace the tradition one in many applications.
Digital pot is usually used to change the sound volume in audio devices, such as smart loudspeaker,
cell phone, and music player. In addition, with a proper design op-amp circuit, the digital pot can also
be applied to change some key parameters of the circuit dynamically, such as LED DC dimming
(output current), linear stable voltage source (output voltage), oscillator (frequency and amplitude),
low pass filter (bandwidth) and differential amplifier (gain).
This breakout employs MCP42100 internally manufactured with two individual 100K digital pot POT0
and POT1. Each pot has 256 taps with a resistor of 100KΩ. It supports wide voltage supply (DC
2.7V - 5.5V) compatible with MCU of 3.3V and 5V. The breakout features as small size
(20.0mm*18.0mm) and reserves the SO pin for multiple breakouts being configured in daisy-chain
connection. If you have a I/O shield in hand, this breakout can be easily connected to it with the
attached 5 pin male to male cable.


Similar Part No. - DFR0520

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0521 DFROBOT-DFR0521 Datasheet
365Kb / 7P
micro:bit Expansion Board for Boson (Gravity Compatible)
11-2-17
DFR0528 DFROBOT-DFR0528 Datasheet
1Mb / 2P
UPS HAT for Raspberry Pi Zero
12-5-19
More results

Similar Description - DFR0520

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT513 CATALYST-CAT513 Datasheet
71Kb / 10P
8-Bit Dual Digital POT
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com