Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0520 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0520
Description  Dual Digital Pot (100K) SKU: DFR0520
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0520 Datasheet(HTML) 2 Page - DFROBOT

  DFR0520 Datasheet HTML 1Page - DFROBOT DFR0520 Datasheet HTML 2Page - DFROBOT DFR0520 Datasheet HTML 3Page - DFROBOT DFR0520 Datasheet HTML 4Page - DFROBOT DFR0520 Datasheet HTML 5Page - DFROBOT DFR0520 Datasheet HTML 6Page - DFROBOT DFR0520 Datasheet HTML 7Page - DFROBOT DFR0520 Datasheet HTML 8Page - DFROBOT DFR0520 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specification
Supply Voltage: 2.7~5.5V DC
Static Operation Current: < 1 μA
Potentiometer Value: 100 KΩ
Resolution: 8 bits, 256 taps for each potentiometer
Number of Potentiometers: 2
Interface: SPI
Operation Temperature: -40 ~85
Dimension: 20.0mm*18.0mm
Pin Definition
Dual Digital Pot(100K)Pin Definition
Pin
Description
VCC
Power supply (DC 2.7V - 5.5V)
GND
Ground
SI
Serial data input
CS
Chip select
SCK
Serial clock input
SO
Serial data output
PAx
Potentiometer terminal A (x=0,1)
PBx
Potentiometer terminal B (x=0,1)
PWx
Potentiometer wiper terminal (x=0,1)
 
1. Resistor terminals A, B and W have no restrictions on polarity with respect to each
other.
2. Current through terminals A, B and W should not excceed ±1mA.
3. Voltages on terminals A, B and W should be within 0 - VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com