Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0552 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0552
Description  Gravity: 12-Bit I2C DAC Module SKU: DFR0552
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0552 Datasheet(HTML) 3 Page - DFROBOT

  DFR0552 Datasheet HTML 1Page - DFROBOT DFR0552 Datasheet HTML 2Page - DFROBOT DFR0552 Datasheet HTML 3Page - DFROBOT DFR0552 Datasheet HTML 4Page - DFROBOT DFR0552 Datasheet HTML 5Page - DFROBOT DFR0552 Datasheet HTML 6Page - DFROBOT DFR0552 Datasheet HTML 7Page - DFROBOT DFR0552 Datasheet HTML 8Page - DFROBOT DFR0552 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Arduino Tutorial
Requirements
Hardware
DFRduino UNO R3 (or similar) x 1
DFRobot Gravity: 12-Bit I2C DAC Module x 1
Gravity 4P sensor wire (or Dupont wires) x 1
Digital multimeter (optional) x 1
Oscilloscope (optional) x 1
Software
Arduino IDE (V1.0.x or V1.8.x), Click to Download Arduino IDE from Arduino®
Download and install the MCP4725 Library. How to install the library?
Connection Diagram
Calibration and adjustable analog voltage output
Although the DAC's voltage output accuracy is affected by several factors that cause the actual
output voltage to deviate from the user-specified voltage values, the DAC reference voltage, Vref, of
the MCP4725 is the same as the supply voltage VCC, and the supply voltage is usually not accurate
(the actual voltage is not exactly 5.000 V or 3.300V), which results in large output error. Here, we
provide a simple calibration method to eliminate the error caused by the inaccurate reference
voltage. If calibration is not carried out, users can still simply set REF_VOLTAGE to 5000 in the
code below (for a 5V controller such as an Arduino) or 3300 (for a 3.3V controller such as Raspberry
Pi, FireBeetle) depending on the controller used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com