Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0552 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0552
Description  Gravity: 12-Bit I2C DAC Module SKU: DFR0552
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0552 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0552 Datasheet HTML 4Page - DFROBOT DFR0552 Datasheet HTML 5Page - DFROBOT DFR0552 Datasheet HTML 6Page - DFROBOT DFR0552 Datasheet HTML 7Page - DFROBOT DFR0552 Datasheet HTML 8Page - DFROBOT DFR0552 Datasheet HTML 9Page - DFROBOT DFR0552 Datasheet HTML 10Page - DFROBOT DFR0552 Datasheet HTML 11Page - DFROBOT DFR0552 Datasheet HTML 12Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
*
* Copyright
[DFRobot](http://www.dfrobot.com), 2016
* Copyright
GNU Lesser General Public License
*
* version
V1.0
* date
2018-1-25
*/
#include "DFRobot_MCP4725.h"
#define
REF_VOLTAGE
5000
DFRobot_MCP4725 DAC;
void setup(void) {
Serial.begin(115200);
/* MCP4725A0_address is 0x60 or 0x61
* MCP4725A0_IIC_Address0 -->0x60
* MCP4725A0_IIC_Address1 -->0x61
*/
DAC.init(MCP4725A0_IIC_Address0, REF_VOLTAGE);
}
void loop(void) {
/*Output a magnitude of 2500mv, the frequency of 10HZ, DC offset 2500mv sin
e wave*/
DAC.outputSin(2500,10,2500);
}
Results
A full sine wave of 2.5V in amplitude (5V peak to peak), 10Hz and 2.5V DC bias can be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com