Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0602 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0602
Description  ESP32-CAM Development Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0602 Datasheet(HTML) 1 Page - DFROBOT

  DFR0602 Datasheet HTML 1Page - DFROBOT DFR0602 Datasheet HTML 2Page - DFROBOT DFR0602 Datasheet HTML 3Page - DFROBOT DFR0602 Datasheet HTML 4Page - DFROBOT DFR0602 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
 
ESP32-CAM Development Board
SKU:DFR0602
INTRODUCTION
ESP32-CAM is a low-cost ESP32-based development board with onboard camera, small in
size. It is an ideal solution for IoT application, prototypes constructions and DIY projects.
The board integrates WiFi, traditional Bluetooth and low power BLE , with 2 high-
performance 32-bit LX6 CPUs. It adopts 7-stage pipeline architecture, on-chip sensor,
Hall sensor, temperature sensor and so on, and its main frequency adjustment ranges
from 80MHz to 240MHz.
Fully compliant with WiFi 802.11b/g/n/e/i and Bluetooth 4.2 standards, it can be used as
a master mode to build an independent network controller, or as a slave to other host
MCUs to add networking capabilities to existing devices


Similar Part No. - DFR0602

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0600 DFROBOT-DFR0600 Datasheet
1Mb / 3P
PYNQ-Z2 Development Board
5-9-19
DFR0601 DFROBOT-DFR0601 Datasheet
809Kb / 13P
Dual-Channel DC Motor Driver
2023/10/12
DFR0604 DFROBOT-DFR0604 Datasheet
1Mb / 13P
IO Expansion HAT for Pi Zero/Zero W
12-5-19
DFR0605 DFROBOT-DFR0605 Datasheet
660Kb / 9P
Gravity: Digital RGB LED Module
5-9-19
More results

Similar Description - DFR0602

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
logo
Advantech Co., Ltd.
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500 Datasheet
1Mb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_13 Datasheet
401Kb / 2P
Qseven Development Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Advantech Co., Ltd.
SOM-DB3500 ADVANTECH-SOM-DB3500_15 Datasheet
408Kb / 2P
Qseven Development Board
logo
Microchip Technology
TB3094 MICROCHIP-TB3094 Datasheet
698Kb / 10P
PIC18F67J94 Development Board
11/29/12
logo
IXYS Corporation
DVRFD615X2 IXYS-DVRFD615X2 Datasheet
794Kb / 4P
Development Board
logo
NXP Semiconductors
OM13070 NXP-OM13070 Datasheet
351Kb / 3P
LPCXpresso4337 Development Board
Rev.1.0-19th January2015
OM13073 NXP-OM13073 Datasheet
318Kb / 2P
LPCXpresso43S37 Development Board
Rev. 1.1-February 6, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com