Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0602 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0602
Description  ESP32-CAM Development Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0602 Datasheet(HTML) 2 Page - DFROBOT

  DFR0602 Datasheet HTML 1Page - DFROBOT DFR0602 Datasheet HTML 2Page - DFROBOT DFR0602 Datasheet HTML 3Page - DFROBOT DFR0602 Datasheet HTML 4Page - DFROBOT DFR0602 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESP32-CAM can be widely used in various IoT applications. It is suitable for home
smart devices, industrial wireless control, wireless monitoring, QR wireless
identification, wireless positioning system signals and other IoT applications. It is an
ideal solution for IoT applications.
Schematic Diagram
Dimension Diagram
Notes:
1.Please be sure that the power supply for the module should be at least 5V 2A,
otherwise maybe there would be water ripple appearing on the image.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com