Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0604 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0604
Description  IO Expansion HAT for Pi Zero/Zero W
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0604 Datasheet(HTML) 3 Page - DFROBOT

  DFR0604 Datasheet HTML 1Page - DFROBOT DFR0604 Datasheet HTML 2Page - DFROBOT DFR0604 Datasheet HTML 3Page - DFROBOT DFR0604 Datasheet HTML 4Page - DFROBOT DFR0604 Datasheet HTML 5Page - DFROBOT DFR0604 Datasheet HTML 6Page - DFROBOT DFR0604 Datasheet HTML 7Page - DFROBOT DFR0604 Datasheet HTML 8Page - DFROBOT DFR0604 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Silkscreen
Label
Function
PWM
0-3
PWM Signal Output P0~3
Analog
0-3
Analog Signal Input P0~3
IIC
C
IIC Clock line
D
IIC Data Line
UART
T
UART Transmit
R
UART Receive
SPI
MISO
SPI Data Output Line
SS
SPI Enable Pin
SCLK
SPI Clock Line
MOSI
SPI Data Input Line
PWM
The PWM signal of this expansion board is generated by the on-board STM32.
PWM0~PWM3 are output via multiple channels of one timer with same frequency. The
duty ratio can be set by users. PWM4 adopts another timers to output PWM. The PWM
can be powered by Raspberry Pi(5V) or external power(6-12V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com