Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0604 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0604
Description  IO Expansion HAT for Pi Zero/Zero W
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0604 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0604 Datasheet HTML 4Page - DFROBOT DFR0604 Datasheet HTML 5Page - DFROBOT DFR0604 Datasheet HTML 6Page - DFROBOT DFR0604 Datasheet HTML 7Page - DFROBOT DFR0604 Datasheet HTML 8Page - DFROBOT DFR0604 Datasheet HTML 9Page - DFROBOT DFR0604 Datasheet HTML 10Page - DFROBOT DFR0604 Datasheet HTML 11Page - DFROBOT DFR0604 Datasheet HTML 12Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
servo = Servo(board)
if __name__ == "__main__":
# Board begin and check the board's status
while board.begin() != board.STA_OK:
print("Error")
time.sleep(1)
print("Board begin success.")
servo.begin()
# servo control begin
while True:
print("part of servos move to 0°")
servo.move(0, 0) # PWM0
'''
servo.move(1, 0) # PWM1
servo.move(2, 0) # PWM2
servo.move(3, 0) # PWM3
'''
print("part of servos move to 180°")
servo.move(0, 0) # PWM0
'''
servo.move(1, 0) # PWM1
servo.move(2, 0) # PWM2
servo.move(3, 0) # PWM3
'''
print("All servos move between 0°~180°")
for i in range(0, 181):
servo.move(board.ALL, i)
time.sleep(0.008)
time.sleep(0.002)
for i in range(0, 181):
i = 181 - i
servo.move(board.ALL, i)
time.sleep(0.008)
time.sleep(0.002)
In the function servo.move() of the example, the first parameter is the PWM pin of the
expansion board, the second one is rotation degree. The PWM selection list is shown
below:
PWM Pin of IO expansion board
Value of the first parameter
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com