Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0672 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0672
Description  SKU:DFR0672
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0672 Datasheet(HTML) 1 Page - DFROBOT

  DFR0672 Datasheet HTML 1Page - DFROBOT DFR0672 Datasheet HTML 2Page - DFROBOT DFR0672 Datasheet HTML 3Page - DFROBOT DFR0672 Datasheet HTML 4Page - DFROBOT DFR0672 Datasheet HTML 5Page - DFROBOT DFR0672 Datasheet HTML 6Page - DFROBOT DFR0672 Datasheet HTML 7Page - DFROBOT DFR0672 Datasheet HTML 8Page - DFROBOT DFR0672 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SKU:DFR0672
Introduction
This is a multi-function cooling
expansion board specifically designed
for Raspberry Pi. It provides full
compatibility with Pi 4B/3B+/3B to protect Raspberry Pi board and extends its lifespan.
There is a large-size cooling fan on the board with strong wind power that can make Raspberry
Pi run more stably by automatically adjusting its speed according to the CPU temperature. Three
high-brightness RGB programming LEDs on the bottom of the expansion board can be used to
display various lighting effects: waterfall lighting, breathing lights, rainbow lamp and more. This
board can be directly plugged onto Raspberry Pi board via its 40 pin interfaces, and it has
expanded 40 pin header for connecting to other devices without affecting the use of GPIO ports
on Pi board. Furthermore, the place for OLED screen is reserved on the board to display CPU
temperature, CPU usage, hard disk space, memory and IP address in real-time.


Similar Part No. - DFR0672

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0600 DFROBOT-DFR0600 Datasheet
1Mb / 3P
PYNQ-Z2 Development Board
5-9-19
DFR0602 DFROBOT-DFR0602 Datasheet
1Mb / 5P
ESP32-CAM Development Board
8-15-19
DFR0604 DFROBOT-DFR0604 Datasheet
1Mb / 13P
IO Expansion HAT for Pi Zero/Zero W
12-5-19
DFR0605 DFROBOT-DFR0605 Datasheet
660Kb / 9P
Gravity: Digital RGB LED Module
5-9-19
DFR0620 DFROBOT-DFR0620 Datasheet
994Kb / 18P
ESP-EYE Development Board
12-5-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com