Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0672 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0672
Description  SKU:DFR0672
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0672 Datasheet(HTML) 2 Page - DFROBOT

  DFR0672 Datasheet HTML 1Page - DFROBOT DFR0672 Datasheet HTML 2Page - DFROBOT DFR0672 Datasheet HTML 3Page - DFROBOT DFR0672 Datasheet HTML 4Page - DFROBOT DFR0672 Datasheet HTML 5Page - DFROBOT DFR0672 Datasheet HTML 6Page - DFROBOT DFR0672 Datasheet HTML 7Page - DFROBOT DFR0672 Datasheet HTML 8Page - DFROBOT DFR0672 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
This fan can effectively reduce the board temperature by about 15℃ in actual tests.
Note: Raspberry Pi board is not included.
Specification
•
Support OLED display, can display the running status of Raspberry Pi in real-time.
•
The fan on the board can automatically adjust its speed according to the CPU temperature.
•
Perfectly compatible with Raspberry Pi 4B/3B+/3B, not occupy any Raspberry Pi pin or heat sink
space.
•
Interface: directly plug into Raspberry Pi board IO ports
•
Dimension: 655525mm/2.562.170.98”
•
Weight: 34.1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com