Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRI0002 Datasheet(PDF) 1 Page - DFROBOT

Part # DRI0002
Description  MD1.3 2A Dual Motor Controller SKU DRI0002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0002 Datasheet(HTML) 1 Page - DFROBOT

  DRI0002 Datasheet HTML 1Page - DFROBOT DRI0002 Datasheet HTML 2Page - DFROBOT DRI0002 Datasheet HTML 3Page - DFROBOT DRI0002 Datasheet HTML 4Page - DFROBOT DRI0002 Datasheet HTML 5Page - DFROBOT DRI0002 Datasheet HTML 6Page - DFROBOT DRI0002 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
MD1.3 2A Dual Motor Controller SKU DRI0002
MD1.3 2A Dual Motor Controller (SKU: DRI0002)
Contents
1 Introduction
2 Specifications
3 Pin Out
4 Detailed Descriptions
4.1 Motor Terminal
4.2 LED
4.3 Power
4.4 Supply Switching Jumper
4.5 Motor Control Pins
5 Tutorial
5.1 Connection Diagram
5.2 Sample Code
6 PWM Principle
7 Trouble shooting
Introduction
This is a 4.8-46V, 2A Dual Motor Controller which is the revised version of the DF-MDV1.0. Its
performance has been improved greatly. It can bear larger current due to the increased haetsink
dissipation. It is easy to control, using LGS's outstanding high-power motor driver chip, the L298N.
This chip allows for direct drive of two bi-directional DC motors, and incorporates high-speed short


Similar Part No. - DRI0002

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DRI0001 DFROBOT-DRI0001 Datasheet
147Kb / 5P
Arduino Motor Shield (L293) (SKU: DRI0001)
DRI0009 DFROBOT-DRI0009 Datasheet
531Kb / 8P
Arduino Motor Shield (L298N) (SKU:DRI0009)
More results

Similar Description - DRI0002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com