Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRI0002 Datasheet(PDF) 2 Page - DFROBOT

Part # DRI0002
Description  MD1.3 2A Dual Motor Controller SKU DRI0002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0002 Datasheet(HTML) 2 Page - DFROBOT

  DRI0002 Datasheet HTML 1Page - DFROBOT DRI0002 Datasheet HTML 2Page - DFROBOT DRI0002 Datasheet HTML 3Page - DFROBOT DRI0002 Datasheet HTML 4Page - DFROBOT DRI0002 Datasheet HTML 5Page - DFROBOT DRI0002 Datasheet HTML 6Page - DFROBOT DRI0002 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
diodes for protection. Drive current up to 2A per motor output. The driver uses a broad-brush design
to reduce wire resistance.
Specifications
The logic part of the input voltage: 6 ~ 12V
Driven part of the input voltage Vs: 4.8 ~ 46V
The logical part of the work current Iss: 36mA
Drive part of the operating current Io: 2A
Maximum power dissipation: 25W (T = 75 degree Celsius)
Control signal input level:
High level: 2.3V = Vin = Vss
Low:-0.3V = Vin = 1.5V
Operating temperature: -25 degree Celsius ~ +130 degree Celsius
Drive Type: Dual high-power H-bridge driver
Module Size: 47 mm × 53mm
Module Weight: About 29g
Pin Out
DRI0002 Pinout



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com