Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFANTSC Datasheet(PDF) 6 Page - nVent Electric plc

Part # AFANTSC
Description  Accessories Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

AFANTSC Datasheet(HTML) 6 Page - nVent Electric plc

  AFANTSC Datasheet HTML 1Page - nVent Electric plc AFANTSC Datasheet HTML 2Page - nVent Electric plc AFANTSC Datasheet HTML 3Page - nVent Electric plc AFANTSC Datasheet HTML 4Page - nVent Electric plc AFANTSC Datasheet HTML 5Page - nVent Electric plc AFANTSC Datasheet HTML 6Page - nVent Electric plc AFANTSC Datasheet HTML 7Page - nVent Electric plc AFANTSC Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Accessories Controllers
PH763.422.2211
nVent.com/HoFFmAn
ThermAl mAnAgemenT
6
Spec-00583 J
PAnel-moUnT FAn sPeeD conTrols
inDUsTrY sTAnDArDs
UL508Listed;FileNo.E249700
cULListedperCSAC22.2No.14;FileNo.E249700
APPlicATion
Perfectforoffices,classroomsandothernoise-sensitiveareas.Fan
SpeedControloptimizesairflowinacabinetorrack,balancingair
volumerequirementswithnoiselevelandpoweruse.
FeATUres
•
Automaticallyadjustsfanspeeddependingonremote
temperaturesensorinput
•
Temperaturesetpointisfieldadjustable;presetat35C(95F)
•
Idlespeedandtemperatureslopearefield-adjustable
•
Push-to-resetthermalcircuitbreakerinsidecontrolhousing
•
Compactpolycarbonatecontrolhousingcanbemountedinany
position
•
NEMA5-15Routletprovidespowertofan
•
Six-foot(1.83-m)powercordplugsintostandard120V,50or60
Hzoutlet
•
Remotetemperaturesensorwith10-ft.(3.05-m)leadmountsin
airflow
•
Mountingbracketsincluded
Finish
•
AFANTSC:Light-graypolycarbonatecontrolhousing
PerformanceData Panel-MountFanSpeedControls
CATALOG NUMBERS
AFANTSC
ELECTRICAL DATA
Rated Voltage
120 VAC
Maximum Nominal Current (Amps)
2
Temperature Settings (°F)
86, 95, 104, 113
Temperature Settings (°C)
30, 35, 40, 45
DESIGN DATA
Description
Panel-Mount
Fan Speed Control
Application
Fan speed controlled automatically
with remote temperature sensor
89084920



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com