Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFANTSC Datasheet(PDF) 5 Page - nVent Electric plc

Part # AFANTSC
Description  Accessories Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

AFANTSC Datasheet(HTML) 5 Page - nVent Electric plc

  AFANTSC Datasheet HTML 1Page - nVent Electric plc AFANTSC Datasheet HTML 2Page - nVent Electric plc AFANTSC Datasheet HTML 3Page - nVent Electric plc AFANTSC Datasheet HTML 4Page - nVent Electric plc AFANTSC Datasheet HTML 5Page - nVent Electric plc AFANTSC Datasheet HTML 6Page - nVent Electric plc AFANTSC Datasheet HTML 7Page - nVent Electric plc AFANTSC Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Accessories Controllers
nVent.com/HoFFmAn
SUBJECTTOCHANGEWITHOUTNOTICE
ThermAl mAnAgemenT
5
Spec-00583 J
TemPerATUre conTrol sWiTch
inDUsTrY sTAnDArDs
cURus; File no. e164102
UL94-VO
ProtectionratingIECIP30
CSACertified,FileNumber215952
ce
APPlicATion
Theseeasy-to-installthermostatsregulateandmonitorair
temperatureinenclosuresthatcontainheat-emittingequipment.
Thermostatsprolongheaterandfanlifeexpectancybycontrolling
operationtimeandincreaseelectricalcomponentworking
efficiencybyexposingthemtofewerenvironmentalcontaminants.
FeATUres
•
AdditionallabelforconversiontoCelsiusscaleandblanklabelto
coversetpointrangelabelwhenadjustmentafterinitialsettingis
notdesiredareincluded
•
Bimetaltemperaturesensor
•
Plastic housing
•
ConnectionsconsistoftubularscrewterminalsforAWG14
(.04sq.in.)
•
ProvisionforbothpanelmountingandDINrailmounting
Finish
•
Moldedplastichousingisblack
PerformanceData TemperatureControlSwitch
CATALOG NUMBERS
ATEMNC
ATEMNO
ELECTRICAL DATA
Maximum Load (Switching Capacity)
120 VAC
15 A resistive / 2 A inductive @ 120 VAC
250 VAC
10 A resistive / 2 A inductive @ 250 VAC
DC
DC 30 W
Minimum load
20 mA (all voltages)
Contact Type
NC (normally closed), quick acting
NO (normally open), quick acting
Control Application
Heater
Fan
UNIT CONSTRUCTION
Unit Dimensions - H x W x D (in./mm)
2.37 x 1.31 x 1.55/60 x 33 x 39



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com