Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF44IRMP Datasheet(PDF) 27 Page - Texas Instruments

Part # ADC32RF44IRMP
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 23Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 24Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 25Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 26Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 27Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 28Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 29Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 30Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 135 page
background image
V
CM
50
50
CLKINP
100
SYSREFP
SYSREF
Capture
Delay
CLKINM
SYSREFM
Clock Amplitude (vPP)
0.2
1
2
50
100
150
200
250
300
350
D061
fIN = 1 GHz
fIN = 2 GHz
27
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
The analog-to-digital converter (ADC) aperture jitter is a function of the clock amplitude applied to the pins. The
equivalent aperture jitter for input frequencies at a 1-GHz and a 2-GHz input (fS = 2.6 GSPS) is shown in
Figure 66. Depending on the clock frequency, a matching circuit can be designed in order to maximize the clock
amplitude.
Figure 66. Equivalent Aperture Jitter vs Input Clock Amplitude
9.3.3 SYSREF Input
The SYSREF signal is a periodic signal that is sampled by the ADC32RF44 device clock and is used to align the
boundary of the local multiframe clock inside the data converter. SYSREF is also used to reset critical blocks
[such as the clock divider for the interleaved ADCs, numerically-controlled oscillators (NCOs), decimation filters
and so forth].
The SYSREF input requires external biasing. Furthermore, SYSREF must be established before the SPI
registers are programmed. A programmable delay on the SYSREF input, as shown in Figure 67, is available to
help with skew adjustment when the sampling clock and SYSREF are not provided from the same source.
Figure 67. SYSREF Internal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com