Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF44IRMP Datasheet(PDF) 62 Page - Texas Instruments

Part # ADC32RF44IRMP
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 58Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 59Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 60Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 61Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 62Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 63Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 64Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 65Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 135 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [11:0]
Register Data [7:0]
SDIN
SCLK
SEN
RESET
A11
A10
A9
A8
A7
A6
M
P
CH
0
1
1
0
62
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
3. Writing into the desired register by setting both the M bit and P bit to 1. Write register content. When a page
is selected, multiple writes into the same page can be done. Addressing in an SPI cycle begins with 6xxx
when selecting a page from the digital bank because the M bit must be set to 1, as shown in Figure 118.
Note that the JESD digital page is common for both channels. The CH bit can be used to distinguish
between two channels when programming registers in the JESD digital page. When CH = 0, registers are
programmed for channel B; when CH = 1, registers are programmed for channel A. Thus, an SPI cycle to
program registers for channel B begins with 6xxx and channel A begins with 7xxx.
Figure 118. SPI Write Timing Diagram for Digital Bank Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com